Part Number Hot Search : 
14066BCP NTE37 E007867 15SMC220 IR25750L PD2504 74HC7 P6002ACL
Product Description
Full Text Search
 

To Download MMBT2907A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODEL: MMBT2907A
MMBT2907A
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
* * * Epitaxial Planar Die Construction Complementary NPN Type Available (MMBT2222A) Ideal for Low Power Amplification and Switching Lead Free/RoHS Compliant (Note 2)
B E
SOT-23
A C B
TOP VIEW
Dim A
C
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
*
B C D E
Mechanical Data
* * * * * * * * Case: SOT-23 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: See Diagram Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Marking (See Page 4): K2F Ordering & Date Code Information: See Page 4 Weight: 0.008 grams (approximate)
E
D G H K J L M
G H J K
C
L M
*
B
E
All Dimensions in mm
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage
@TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC ICM Pd RJA Tj, TSTG Value -60 -60 -5.0 -600 -800 300 417 -55 to +150 Unit V V V mA mA mW C/W C
Characteristic
Collector Current - Continuous (Note 1) Peak Collector Current Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient (Note 1) Operating and Storage and Temperature Range
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead.
DS30040 Rev. 11 - 2
1 of 4 www.diodes.com
MMBT2907A
(c) Diodes Incorporated
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 3) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Collector Cutoff Current Base Cutoff Current ON CHARACTERISTICS (Note 3)
@TA = 25C unless otherwise specified Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEX IBL Min -60 -60 -5.0 75 100 100 100 50 -- 200 Max -10 -50 -50 300 -0.4 -1.6 -1.3 -2.6 8.0 30 45 10 40 100 80 30 Unit V V V nA A nA nA Test Condition IC = -10A, IE = 0 IC = -10mA, IB = 0
B
IE = -10A, IC = 0 VCB = -50V, IE = 0 VCB = -50V, IE = 0, TA = 125C VCE = -30V, VEB(OFF) = -0.5V VCE = -30V, VEB(OFF) = -0.5V IC = -100A, VCE = -10V IC = -1.0mA, VCE = -10V IC = -10mA, VCE = -10V IC = -150mA, VCE = -10V IC = -500mA, VCE = -10V IC = -150mA, IB = -15mA IC = -500mA, IB = -50mA
B B
DC Current Gain
hFE
Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage SMALL SIGNAL CHARACTERISTICS Output Capacitance Input Capacitance Current Gain-Bandwidth Product SWITCHING CHARACTERISTICS Turn-On Time Delay Time Rise Time Turn-Off Time Storage Time Fall Time
Notes:
VCE(SAT) VBE(SAT) Cobo Cibo fT toff td tr toff ts tf
V V
IC = 150mA, IB = 15mA IC = 500mA, IB = 50mA
B B
pF pF MHz ns ns ns ns ns ns
VCB = -10V, f = 1.0MHz, IE = 0 VEB = -2.0V, f = 1.0MHz, IC = 0 VCE = -20V, IC = -50mA, f = 100MHz
VCC = -30V, IC = -150mA, IB1 = -15mA
VCC = -6.0V, IC = -150mA, IB1 = IB2 = -15mA
3. Short duration pulse test used to minimize self-heating effect.
400
Note 1
350 PD, POWER DISSIPATION (mW)
f = 1MHz
300 250 200 150 100 50 0 0 25 50 75 100 125 150 175 200
VR, REVERSE VOLTAGE (V) Fig. 2, Typical Capacitance Characteristics
CAPACITANCE (pF)
Cibo
Cobo
TA, AMBIENT TEMPERATURE (C) Fig. 1, Max Power Dissipation vs Ambient Temperature
DS30040 Rev. 11 - 2
2 of 4 www.diodes.com
MMBT2907A
(c) Diodes Incorporated
-0.6
VCE, COLLECTOR-EMITTER VOLTAGE (V)
-1.6
VCE(SAT), COLLECTOR TO EMITTER SATURATION VOLTAGE (V)
-1.4 -1.2 -1.0 -0.8 -0.6 -0.4 -0.2 0 -0.001
IC = -1mA
IC = -10mA
IC = -300mA IC = -100mA
-0.5
IC = 10 IB
IC = -30mA
-0.4
-0.3 TA = 150C -0.2 TA = 25C
-0.1
TA = -50C
-0.01 -0.1 -1 -10 IB, BASE CURRENT (mA) Fig. 3, Typical Collector Saturation Region
0
-100
-1
-10
-100
-1000
IC, COLLECTOR CURRENT (mA) Fig. 4, Collector-Emitter Saturation Voltage vs. Collector Current
1000
-1.0 VBE(ON), BASE EMITTER VOLTAGE (V)
VCE = -5V TA = 150C
VCE = -5V -0.9 -0.8 -0.7 -0.6 TA = 25C -0.5 -0.4 -0.3 -0.2 TA = 150C TA = -50C
hFE, DC CURRENT GAIN
100 TA = 25C TA = -50C
10
1 -1 -10 -100 -1000 IC, COLLECTOR CURRENT (mA) Fig. 5, DC Current Gain vs Collector Current
1000 fT, GAIN BANDWIDTH PRODUCT (MHz) VCE = -5V
-0.1
-1
-10
-100
IC, COLLECTOR CURRENT (mA) Fig. 6, Base-Emitter Voltage vs. Collector Current
100
10
1 -1 -10 IC, COLLECTOR CURRENT (mA) Fig. 7, Gain Bandwidth Product vs. Collector Current -100
DS30040 Rev. 11 - 2
3 of 4 www.diodes.com
MMBT2907A
(c) Diodes Incorporated
Ordering Information (Note 4)
Device MMBT2907A-7-F Notes: Packaging SOT-23 Shipping 3000/Tape & Reel
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
K2F
Date Code Key Year 1998 Code J Month Code
YM
K2F = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
1999 K
2000 L Jan 1
2001 M Feb 2
2002 N Mar 3
2003 P Apr 4
2004 R May 5
2005 S Jun 6
2006 T Jul 7
2007 U Aug 8
2008 V
2009 W Sep 9
2010 X Oct O
2011 Y Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30040 Rev. 11 - 2
4 of 4 www.diodes.com
MMBT2907A
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of MMBT2907A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X